Part Number Hot Search : 
1N3340 B40K385 CS8430 CM100 AQY282S 05000 1N5945B N74F112N
Product Description
Full Text Search
 

To Download MBR3050PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR3035PT THRU MBR3060PT
Reverse Voltage - 35 to 60 Volts
TO-247AD
0.645 (16.4) 0.625 (15.9) 0.203 (5.16) 0.193 (4.90) 0.245 (6.2) 0.225 (5.7) 0.323 (8.2) 0.313 (7.9) 10o 30o 0.078 REF (1.98)
SCHOTTKY RECTIFIER
Forward Current - 30.0 Amperes
FEATURES
0.170 (4.3) 0.840 (21.3) 0.820 (20.8)
10o TYP. BOTH SIDES
0.142 (3.6) 0.138 (3.5)
1
2
3
0.086 (2.18) 0.076 (1.93)
1o REF. BOTH SIDES 0.118 (3.0) 0.108 (2.7)
0.127 (3.22) 0.160 (4.1) 0.140 (3.5) 0.795 (20.2) 0.775 (19.6) 0.117 (2.97)
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Dual rectifier construction, positive center-tap Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free-wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 250C/10 seconds, 0.17" (4.3mm) from case
MECHANICAL DATA
0.048 (1.22) 0.225 (5.7) 0.205 (5.2) 0.044 (1.12) 0.030 (0.76) 0.020 (0.51) PIN 2 CASE
PIN 1 PIN 3
Dimensions in inches and (millimeters)
Case: JEDEC TO-247AD molded plastic body Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in.- lbs. max. Weight: 0.2 ounce, 5.6 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
MBR3035PT
MBR3045PT
MBR3050PT
MBR3060PT
UNITS
Maximum repetitive peak reverse voltage Maximum working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current
(SEE FIG. 1)
VRRM VRWM VDC I(AV) IFRM IFSM IRRM
35 35 35
45 45 45 30.0 30.0 200.0 2.0 _
50 50 50
60 60 60
Volts Volts Volts Amps Amps Amps
Peak repetitive forward current per leg at TC=105C (rated VR, square wave, 20 KHZ) Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse surge current (NOTE 2) Maximum instantaneous forward voltage per leg at: IF=20A, TC=25C IF=20A, TC=125C (NOTE 1) IF=30A, TC=25C IF=30A, TC=125C Maximum instantaneous reverse current at rated DC blocking voltage TC=25C per leg (NOTE 2) TC=125C Maximum thermal resistance (NOTE 3) Voltage rate of change at (rated VR) Operating junction temperature range Storage temperature range
NOTES: (1) 2.0s pulse width, f=1.0 KHZ (2) Pulse test: 300s pulse width, 1% duty cycle (3) Thermal resistance from junction to case per leg
1.0 0.75 0.65 _ _ 5.0 100.0 1.4 10,000 -65 to +150 -65 to +175
Amps
VF
0.60 0.76 0.72 1.0 60.0
Volts
IR RJC dv/dt TJ TSTG
mA C/W V/s C C
4/98
RATINGS AND CHARACTERISTIC CURVES MBR3035PT THRU MBR3060PT
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
30
AVERAGE FORWARD CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
300 250 200 150 100 50 0 1 10
NUMBER OF CYCLES AT 60 Hz
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
24 18 12 6 0
MBR3035PT - MBR3045PT MBR3050PT & MBR3060PT
0
50
100
150
CASE TEMPERATURE, C
100
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PER LEG FIG. 3 - TYPICAL REVERSE CHARACTERISTICS PER LEG
50
MBR3035PT - MBR3045PT MBR3050PT & MBR3060PT
50
10
INSTANTANEOUS FORWARD CURRENT, AMPERES INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
TJ=150C
PULSE WIDTH=300s
TJ=125C
1
1
TJ=25C
TJ=75C
0.1
0.1
0.01
TJ=25C
MBR3035PT - MBR3045PT MBR3050PT & MBR3060PT
0.01
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.001
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
5,000
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE, C/W
FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG
100
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
10
1,000
1
100 0.1
MBR3035PT - MBR3045PT MBR3050PT & MBR3060PT
1
10
100
0.1 0.01
0.1
1
10
100
t, PULSE DURATION, sec.
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of MBR3050PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X